PART |
Description |
Maker |
MAX5839 MAX5839ACMH MAX5839AEMH MAX5839BCMH MAX583 |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface Octal / 13-Bit Voltage-Output DAC with Parallel Interface LJT 7C 7#20 PIN PLUG PARALLEL, WORD INPUT LOADING, 22 us SETTLING TIME, 13-BIT DAC, PQFP44
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX5270 MAX5270BEMH MAX5270ACMH MAX5270AEMH MAX527 |
LJT 6C 6#20 PIN PLUG Octal / 13-Bit Voltage-Output DAC with Parallel Interface " Octal, 13-Bit Voltage-Output DAC with Parallel Interface" Octal 13-Bit Voltage-Output DAC with Parallel Interface
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
WM2630 WM2630IDT WM2630CDT |
OCTAL 12-BIT VOLTAGE OUTPUT DAC WITH INTERNAL REFERENCE Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
|
WOLFSON[Wolfson Microelectronics plc]
|
SPT5400SCP SPT5400 |
13-BIT / OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE 13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
|
FAIRCHILD[Fairchild Semiconductor]
|
MAX7841 MX7841AS MX7841BS |
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
|
Maxim Integrated Products
|
AD5328BRU AD5328BRU-REEL AD5328BRU-REEL7 AD5318BRU |
2.5 V to 5.5 V Octal Voltage Output
8-/10-/12-Bit DACs in 16-Lead TSSOP 2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
|
AD[Analog Devices]
|
AD7841 AD7841AS AD7841BS |
Octal 14-Bit/ Parallel Input/ Voltage-Output DAC Octal 14-Bit, Parallel Input, Voltage-Output DAC
|
AD[Analog Devices]
|
WM2629 |
Octal 8-bit/ Serial Input/ Voltage Output DAC with Power Down Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
|
WOLFSON[Wolfson Microelectronics plc]
|
MAXIM MAX5264 MAX5264BCMH MAX5264ACMH |
"Octal, 14-Bit, Voltage-Output DAC with Parallel Interface for ATE" Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
|
MAX5264 MAXIM[Maxim Integrated Products]
|
MAX559004 MAX5594EUG MAX5592EUG |
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
|
Maxim Integrated Products
|
AD5318ARU-REEL7 AD5328BRU AD5328BRUZ AD5328BRU-REE |
2.5 V to 5.5 V Octal Voltage Output 10-Bit DACs in 16-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 7 us SETTLING TIME, 10-BIT DAC, PDSO16 2.5 V to 5.5 V Octal Voltage Output 12-Bit DACs in 16-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 2.5 V to 5.5 V Octal Voltage Output 12-Bit DACs in 16-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 2.5 V to 5.5 V Octal Voltage Output 8-Bit DACs in 16-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
|
Analog Devices, Inc.
|
MAX5590BEUG MAX5590 MAX5591AEUI MAX5591BEUI MAX559 |
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 10-BIT DAC, PDSO28
|
Maxim Integrated Products, Inc.
|